PART |
Description |
Maker |
DD22.6111.1111 DD22.6121.1111 DD22.6321.1111 DD22. |
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
|
Schurter Inc.
|
46256LFRX |
Slide Switch; Circuitry:DPDT; Contact Current Max:3A; Switch Terminals:Solder Lug; Mounting Type:Solder Lug; Switch Features:Screwdriver-Slotted Flush Actuator RoHS Compliant: Yes SLIDE SWITCH, DPDT, LATCHED, 0.5A, 125VDC, PANEL MOUNT
|
Switchcraft, Inc.
|
2302.25 229 229.250 229.350 229.375 229.500 229.60 |
Axial Lead and Cartridge Fuses - Subminiature Glass Body 轴向引线和墨盒保险丝-微型玻璃 Rocker Switch; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:10A; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator 轴向引线和墨盒保险丝-微型玻璃 Compatible:No; Mounting Type:Low Profile Jackscrew RoHS Compliant: No Pushwheel Switch SWITCH PUSHWHEEL HEX W/END 0-15 Geartooth Hall Effect Sensor; Supply Voltage Max:24VDC; Supply Voltage Min:4.75VDC; Supply Current Max:20mA; Sensor Terminals:Connector; Leaded Process Compatible:No; Output Type:Sink; Peak Reflow Compatible (260 C):No Round SPDT,blank, white/white, unlighted
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
225003 225.250 22503.5 224 225.100 225.125 225.375 |
Axial Lead and Cartridge Fuses - Subminiature Glass Body Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Switch Terminals:Through Hole; Mounting Type:PCB; Size:15.24 x Full Travel, Low Profile Mech. Keyswitch Tactile Feel, 65cN w/ Diode, No LED Frame Mount (no fixation pins) Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Switch Terminals:Through Hole; Mounting Type:PCB RoHS Compliant Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Switch Terminals:Through Hole; Leaded Process Compatible Limit Switch,STRAIGHT,SPST,OFF-(ON),PC TAIL Terminal,KEYLOCK,PCB Hole Count:5 Full Travel, Low Profile Mech. Keyswitch Linear Feel, 60cN No LED, No Diode Frame Mount (no fixation pins)
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
XP95-LI |
Analog XP95 line isolator with mounting base
|
Gamewell-FCI by Honeywell
|
LSM315 30BQ015 |
Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug/Quick Connect; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes From old datasheet system 3 AMP SCHOTTKY ORING RECTIFIER Schottky Rectifier
|
MICROSEMI[Microsemi Corporation]
|
30BQ015 |
Toggle Switch; Circuitry:SPDT; Switch Operation:On-None-On; Contact Current Max:6A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug/Quick Connect; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes SCHOTTKY RECTIFIER/ 3Amp SCHOTTKY RECTIFIER, 3Amp
|
IRF[International Rectifier]
|
LNK364DN-TL LNK363DN-TL LNK364GN-TL LNK363GN-TL LN |
IC SWITCH OFF-LINE 4/9W 8-SMD 0.4 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDSO7 IC SWITCH OFF-LINE 3.7/7.5W 8SMD 0.4 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDSO7 LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
|
Power Integrations, Inc. Power Integrations, Inc...
|
CPC7581 CPC7581BA CPC7581BA-TR CPC7581BB CPC7581BB |
Line Card Access Switch EDGE SWITCH, HARDENED 1-FSM 5-UTP 12-VDC SC
|
Clare Inc Clare, Inc. Clare Inc.
|
LED18-GGG-P |
Mounting Brackets for Mini Limit Switch Sensors
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
SSH66XU12N100 |
Compact Switch for internal or external mounting via 1/2NPT thread
|
Cynergy3 Co
|